PART |
Description |
Maker |
ISL55100B |
Quad 18V Pin Electronics Driver/Window Comparator 四路18V的引脚电子驱动器/窗口比较
|
Intersil, Corp.
|
EVM7725AXF E7725AXF |
900 MHz Dual Pin Electronics Driver, Window Comparator, and Load
|
Semtech Corporation
|
EDGE818 |
Octal 18V Pin Electronics Driver/window Comparator
|
Semtech Corporation
|
E211ATF |
Dual Pin Electronics Driver
|
Semtech Corporation
|
EVM749EVM E749BPJ EDGE749 |
Octal Pin Electronics Driver/Receiver
|
SEMTECH[Semtech Corporation]
|
EDGE693 E693AHJ EVM693AHJ E693-EDGE693 |
500 MHz Monolithic Dual Pin Electronics Driver
|
SEMTECH[Semtech Corporation]
|
87831-1231 0878311231 |
2.00mm (.079) Pitch Milli-Grid Header, Vertical, Shrouded, Lead-free, 12 Circuits, 0.38μm (15μ) Gold (Au) Plating, Center Polarization Slot, without Locking Window Molex Electronics Ltd.
|
Molex Electronics Ltd.
|
V6310 |
Ultra Low Power 3-Pin Voltage Window Surveillance with Time-out
|
ETC[ETC]
|
AD53032 AD53032JSTP |
Silver Mica Capacitor; Capacitance:12pF; Capacitance Tolerance: /- 5%; Series:CD17; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:Yes RoHS Compliant: Yes High Performance Driver/Comparator Active Load on a Single Chip DRIVER/COMPARATOR/LOAD: A Single Chip that Performs the Pin Electronics Functions of Driver, Comparator and Active Load in ATE VLSI and Memory Testers
|
Analog Devices, Inc. AD[Analog Devices]
|
EL7158 EL7158ISZ-T13 EL7158IS-T13 EL7158IS EL7158I |
Ultra-High Current Pin Driver 12 A HALF BRIDGE BASED PRPHL DRVR, PDSO8 Pin Driver, Tr-State, 12A Pk Ultra-High Current, 40Mhz Clock, R(on) 0.5 Ohms
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MP441107 MP4411 |
High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
|
Toshiba Semiconductor
|
MP420907 |
High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
|
Toshiba Semiconductor
|